Part Number Hot Search : 
90100 2SC52 NCP4302 N4735 240128 P4840 KS1359N DS024
Product Description
Full Text Search
 

To Download G5752 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.91 jan 09, 2012 tel: 886-3-5788833 http://www.gmt.com.tw 1 G5752/G5752a global mixed-mode technology 2a step-down dc/dc features ? 2a output current ? 0.18 internal power mosfet switch ? stable with low esr output ceramic capaci- tors ? up to 95% efficiency ? 30a shutdown mode ? fixed 380khz frequency ? thermal shutdown ? cycle-by-cycle over current protection ? wide 4.5v to 24v operating input range ? output adjustable from 1.22v to 21.6v(G5752) ? output adjustable from 0.92v to 21.6v(G5752a) ? available in sop-8 & msop-10 (fd) package applications ? pc monitors ? dsl modems ? distributed power systems ? pre-regulator for linear regulators general description the G5752/G5752a is a monolithic step-down switch mode regulator with a built in internal power mosfet. it achieves 2a continuous output current over a wide input supply range with excellent load and line regulation. current mode operation provides fast transient re- sponse and eases loop stabilization. fault condition protection includes cycle-by-cycle cur- rent limiting, output short circuit protection and thermal shutdown. in shutdown mode the regulator draws 30a of supply current. programmable soft-start over- writes the internal soft-start for various requirement of output power up ramp and minimizes the inrush supply current at initial startup. the G5752/g 5752a r equires a minimum number of readily available standard external components. it is available in a sop-8 & msop-10 (fd) package. ordering information order number marking temp. range package (green) G5752p11u G5752 -40 c to +85 c sop-8 G5752ap11u G5752a -40 c to +85 c sop-8 G5752f61u G5752 -40 c to +85 c msop-10 (fd) G5752af61u G5752a -40 c to +85 c msop-10 (fd) note: p1: sop-8 f6: msop-10 (fd) 1: bonding code u : tape & reel pin configuration typical application circuit output 3.3v/2a r1 26.1k 1% l1 15h d1 c5 10nf 4/6 bs in en ss lx fb comp gnd G5752a c1 10f 35v c2 22f/35v ceramic r2 10k 1% on c3 3.9nf r3 10k c6 open input 4.5v to 24v c4 10nf off 1/2 8/10 note: recommend connecting the thermal pad to the ground for excellent power dissipation. nc 10 8 7 1 2 3 4 nc bs in ss en comp fb msop-10 (fd) 9 6 5 lx gnd thermal pad G5752/G5752a sop-8 G5752/G5752a lx 8 6 5 1 2 3 4 bs in gnd ss en comp fb 7 output 2.5v/2a r1 10.5k 1% l1 15h d1 3/5 5/7 c5 10nf 4/6 6/8 bs in en ss lx fb comp gnd G5752 c1 10f 35v c2 22f/35v ceramic r2 10k 1% on c3 3.9nf r3 10k c6 open input 4.5v to 24v c4 10nf off 1/2 2/4 7/9 8/10 sop-8 / msop-10 (fd) pin no. 2/4 3/5 5/7 6/8 7/9 note: recommend choosing the small vf of diode to avoid lx to gnd smaller then -0.7v. output 3.3v/2a r1 26.1k 1% l1 15h d1 c5 10nf 4/6 bs in en ss lx fb comp gnd G5752a c1 10f 35v c2 22f/35v ceramic r2 10k 1% on c3 3.9nf r3 10k c6 open input 4.5v to 24v c4 10nf off 1/2 8/10 note: recommend connecting the thermal pad to the ground for excellent power dissipation. nc 10 8 7 1 2 3 4 nc bs in ss en comp fb msop-10 (fd) 9 6 5 lx gnd thermal pad G5752/G5752a sop-8 G5752/G5752a lx 8 6 5 1 2 3 4 bs in gnd ss en comp fb 7 output 2.5v/2a r1 10.5k 1% l1 15h d1 3/5 5/7 c5 10nf 4/6 6/8 bs in en ss lx fb comp gnd G5752 c1 10f 35v c2 22f/35v ceramic r2 10k 1% on c3 3.9nf r3 10k c6 open input 4.5v to 24v c4 10nf off 1/2 2/4 7/9 8/10 sop-8 / msop-10 (fd) pin no. 2/4 3/5 5/7 6/8 7/9 note: recommend choosing the small vf of diode to avoid lx to gnd smaller then -0.7v.


▲Up To Search▲   

 
Price & Availability of G5752

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X